Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 2 Page - Linear Technology

  LTC2053_15 Datasheet HTML 1Page - Linear Technology LTC2053_15 Datasheet HTML 2Page - Linear Technology LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V)................................. 11V
Input Current........................................................±10mA
|V–IN – VREF | ...........................................................5.5V
|V+IN – VREF |............................................................5.5V
Output Short-Circuit Duration.......................... Indefinite
Operating Temperature Range
LTC2053C, LTC2053C-SYNC ................... 0°C to 70°C
LTC2053I, LTC2053I-SYNC..................–40°C to 85°C
LTC2053H.......................................... –40°C to 125°C
(Note 1)
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
EN
–IN
+IN
V
V+
OUT
RG
REF
TJMAX = 125°C, θJA = 160°C/W
, UNDERSIDE METAL INTERNALLY CONNECTED TO V
(PCB CONNECTION OPTIONAL)
EN/CLK
–IN
+IN
V
1
2
3
4
8
7
6
5
V+
OUT
RG
REF
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
†PIN 1 IS EN ON LTC2053, CLK ON LTC2053-SYNC
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2053CDD#PBF
LTC2053CDD#TRPBF
LAEQ
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2053IDD#PBF
LTC2053IDD#TRPBF
LAEQ
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2053HDD#PBF
LTC2053HDD#TRPBF
LAEQ
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC2053CMS8#PBF
LTC2053CMS8#TRPBF
LTVT
8-Lead Plastic MSOP
0°C to 70°C
LTC2053IMS8#PBF
LTC2053IMS8#TRPBF
LTJY
8-Lead Plastic MSOP
–40°C to 85°C
LTC2053HMS8#PBF
LTC2053HMS8#TRPBF
LTAFB
8-Lead Plastic MSOP
–40°C to 125°C
LTC2053CMS8-SYNC#PBF
LTC2053CMS8-SYNC#TRPBF LTBNP
8-Lead Plastic MSOP
0°C to 70°C
LTC2053IMS8-SYNC#PBF
LTC2053IMS8-SYNC#TRPBF
LTBNP
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range
MS8 Package..................................... –65°C to 150°C
DD Package ....................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com