Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 4 Page - Linear Technology

  LTC2053_15 Datasheet HTML 1Page - Linear Technology LTC2053_15 Datasheet HTML 2Page - Linear Technology LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= 0V, REF = 200mV. Output voltage swing is referenced to V.
All other specifications reference the OUT pin to the REF pin.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Swing High
RL = 2k to V
RL = 10k to V
l
l
4.85
4.95
4.94
4.98
V
V
Output Voltage Swing Low
l
20
mV
Supply Current
No Load
l
0.85
1.1
mA
Supply Current, Shutdown
VEN ≥ 4.5V, LTC2053 Only
10
µA
EN/CLK Pin Input Low Voltage, VIL
0.5
V
EN/CLK Pin Input High Voltage, VIH
4.5
V
EN/CLK Pin Input Current
VEN/CLK = V
–1
–10
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3
kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Error
AV = 1
l
0.001
0.01
%
Gain Nonlinearity
AV = 1
l
3
10
ppm
Input Offset Voltage (Note 2)
VCM = 0V
10
±20
µV
Average Input Offset Drift (Note 2)
TA = –40°C to 85°C
TA = 85°C to 125°C
l
l
–1
±50
–2.5
nV/°C
µV/°C
Average Input Bias Current (Note 3)
VCM = 1V
l
4
10
nA
Average Input Offset Current (Note 3)
VCM = 1V
l
1
3
nA
Common Mode Rejection Ratio
(Notes 4, 5)
AV = 1, VCM = –5V to 5V, LTC2053C
AV = 1, VCM = –5V to 5V, LTC2053C-SYNC
AV = 1, VCM = –4.9V to 4.9V, LTC2053I
AV = 1, VCM = –4.9V to 4.9V, LTC2053I-SYNC
AV = 1, VCM = –5V to 5V, LTC2053I, LTC2053I-SYNC
AV = 1, VCM = –4.9V to 4.9V, LTC2053H
AV = 1, VCM = –5V to 5V, LTC2053H
l
l
l
l
l
l
l
105
100
105
100
95
100
90
118
118
118
118
118
dB
dB
dB
dB
dB
dB
dB
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 11V
l
110
116
dB
Maximum Output Voltage Swing
RL = 2k to GND, C- and I-Grades
RL = 10k to GND, All Grades
RL = 2k to GND, LTC2053H Only
l
l
l
±4.5
±4.6
±4.4
±4.8
±4.9
±4.8
V
V
V
Supply Current
No Load
l
0.95
1.3
mA
Supply Current, Shutdown
VEN ≥ 4.5V, LTC2053 Only
20
µA
EN Pin Input Low Voltage, VIL
–4.5
V
CLK Pin Input Low Voltage, VIL
0.5
V
EN/CLK Pin Input High Voltage, VIH
4.5
V
EN/CLK Pin Input Current
VEN/CLK = V
–3
–20
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3
kHz
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 5V, V= –5V, REF = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com