Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1971 Datasheet HTML 2Page - STMicroelectronics AN1971 Datasheet HTML 3Page - STMicroelectronics AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics AN1971 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
ST7LITE0xxx MICROCONTROLLED BALLAST
2 BALLAST STATES
The ballast goes through different states, from the system power-on to steady state running,
End of Life or system power down. An explanatory timing diagram (not in scale) of all the
states is shown in Figure 8. Some of the states are common to the classical ballast applica-
tions; some are improved thanks to the microcontroller solution.
Figure 8. Frequency Timing Diagram
2.1 INIT STATE
During the init phase, the microcontroller sets the PWM frequency at 100kHz and keeps it
steady for 200ms. This feature has been implemented to charge up the blocking capacitor
(C5). In Figure 9 and Figure 10 there are the situations with and without this feature. When the
application goes directly into the preheat phase (as is usual in systems without the microcon-
troller), the voltage on the lamp can exceed maximum values due to a premature ignition. Of
course, if you want to skip this phase, it is still possible just by changing a single line of code.
Init
Preheat
Ignition
Lamp stabilization
Run
time
Figure 9. Lamp Voltage with Init State
Figure 10. Lamp Voltage without Init State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com