Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1971 Datasheet HTML 1Page - STMicroelectronics AN1971 Datasheet HTML 2Page - STMicroelectronics AN1971 Datasheet HTML 3Page - STMicroelectronics AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
ST7LITE0xxx MICROCONTROLLED BALLAST
1.1 POWER SECTION
This application note focuses on the lamp control and therefore a DC voltage 400V has been
chosen to supply the application. To have a complete ballast connectable to the standard
mains, the EVAL6562-80 board can be chosen to serve as a PFC part, between AC-mains
and the 400V DC link.
In this application, voltage-fed series resonant half-bridge inverters are used to drive a fluores-
cent tube lamp in zero-voltage switching mode and the microcontroller handles the control of
the ballast. The microcontroller drives the L6384 high voltage half bridge driver. L6384 is a
small eight-pin device, with one input, selectable dead time and implemented bootstrap diode
(refer to the L6384 datasheet for more information). In Figure 2, the driver and resonant tank
topology are shown. Thanks to the microcontroller flexibility, existing resonant circuits can
also be used.
Figure 2. Power Section Circuit
400V
LAMP
LAMP
C4
100nF
63V
C4
100nF
63V
C7
10nF
1600V
C7
10nF
1600V
R10 22
R10 22
R9
22
R9
22
Q1
Q1
Q2
Q2
IN
1
Vcc
2
DT/SD
3
GND
4
Vboot
8
HVG
7
Vout
6
LVG
5
U2
L6384
U2
L6384
1
2
L1
2.3
EF25
L1
2. mH
EF25
R36
1
1W
R36
1
1W
C5
100nF
250V
C5
100nF
250V
STP5NK60ZFP
STP5NK60ZFP
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com