Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics AN1971 Datasheet HTML 10Page - STMicroelectronics AN1971 Datasheet HTML 11Page - STMicroelectronics AN1971 Datasheet HTML 12Page - STMicroelectronics AN1971 Datasheet HTML 13Page - STMicroelectronics AN1971 Datasheet HTML 14Page - STMicroelectronics AN1971 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
ST7LITE0xxx MICROCONTROLLED BALLAST
4 APPLICATION BOARD
On the application board there are two jumpers (J13 and J14) used to select the proper micro-
controller parameters for the lamp power or lamp type selection. Care must be taken that the
ballast is programmed for the nominal lamp power, because if a wrong lamp is selected, the
microcontroller will always try to provide a selected power (for example 58W into an 18W tube
lamp) which could damage the lamp.
4.1 OUTLOOK
The microcontroller solution with closed loop control allows in principle the detection of the
lamp type or power of the lamp inserted. Since this feature requires very detailed know-how of
lamp physics it is not implemented in the present version of this demo. An experienced ballast
designer however will be able to implement this feature and avoid the limitations described
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com