Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics AN1971 Datasheet HTML 10Page - STMicroelectronics AN1971 Datasheet HTML 11Page - STMicroelectronics AN1971 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
ST7LITE0xxx MICROCONTROLLED BALLAST
2.6 STOP STATE
If any abnormal conditions occur (see Section 3) the software will automatically switch itself
into this safety state. The main function is to turn off the half bridge driver by grounding L6384
SD/DT pin. Because the lamp is then off, there is no reason to consume needless microcon-
troller energy. That is why ST7LITE0xxx uses the so-called HALT mode. In this mode, the
processor core and oscillator are turned off to minimize the consumption (consumption in
HALT mode is a few µA).
There are two ways to “wake up” the processor from HALT mode. The first one is to turn off
and on the mains power supply. The second method is using the external interrupt feature on
pin PA7. This feature, briefly described, wakes up the microcontroller when a falling edge
(from 5V to 0V) appears on the pin. In Figure 11 the circuit is shown, which detects the lamp
insertion, connected to the PA7 pin. After waking up, the microcontroller resets itself and the
process starts again from initialization state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com