Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1971 Datasheet HTML 1Page - STMicroelectronics AN1971 Datasheet HTML 2Page - STMicroelectronics AN1971 Datasheet HTML 3Page - STMicroelectronics AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
ST7LITE0xxx MICROCONTROLLED BALLAST
1.2 DIGITAL SECTION
The ST7LITE0xxx microcontroller has been chosen as it is small and easy to use (please refer
to Section 5 REFERENCES AND RELATED MATERIALS [1]). This processor has a 1.5kB
flash program memory, 128 bytes of RAM and moreover it has 128 bytes of EEPROM of us-
able memory, for example, for storing lamp parameters. There is no need for any external
clock circuitry, because it has an integrated RC oscillator with an accuracy of 1%. This oscil-
lator provides a clock signal up to 8MHz. What makes this microcontroller a strong tool for the
ballast application are the peripherals: Autoreload Timer, Lite Timer and Analog to Digital
Converter. Foremost, it must be highlighted that the software drivers for all the peripherals are
available in the ST7 software library (see ST7 Software Library, http://www.st.com/mcu) and
you do not need to spend time to develop your own.
The Autoreload timer is a peripheral which controls a PWM output from the microcontroller.
The principle of its function is shown in Figure 3. At the heart of the autoreload timer is a free-
running counter, which works absolutely independently from the processor core. For de-
signers, there are only two important values: “Reload Value Register” and “Compare Value
Register”. The counter increments its value to the maximum. When it is reached, it switches
the output pin to the logical 1 (5V) and after that the counter starts incrementing again from the
value stored in the already mentioned “Reload Value Register”. After each increment, the
counter is compared to the “Compare Value Register”. If the match occurs, the output pin is
switched to the logic value 0 (0V).
Figure 3. PWM Function
From Figure 3, it can be seen that the control of the PWM signal is very simple with
ST7LITE0xxx through just the two registers: by writing into the Reload Register, you select the
frequency and by writing into the Compare Register you can select the duty cycle. This way,
the frequency can be selected from 2kHz up to 4MHz. The incremental period change is
125ns with fclock = 8 MHz.
In addition to the autoreload timer, there is also another generic timer available. This timer
(called Lite Timer) is a free running counter generating a software interrupt every 1ms. There
4095
000
Output
pin
Reload Value
Register
Compare Value
Register
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com