Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics AN1971 Datasheet HTML 10Page - STMicroelectronics AN1971 Datasheet HTML 11Page - STMicroelectronics AN1971 Datasheet HTML 12Page - STMicroelectronics AN1971 Datasheet HTML 13Page - STMicroelectronics AN1971 Datasheet HTML 14Page - STMicroelectronics AN1971 Datasheet HTML 15Page - STMicroelectronics AN1971 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ST7LITE0xxx MICROCONTROLLED BALLAST
4.3 COMPONENTS
Item
Quantity
Reference
Part
11
C15
22uF
21
C20
4.7uF
3
2
C8,C19
470nF
4
5
C1,C3,C4,C5,C17
100nF
5
1
C12
150nF
61
C10
68nF
73
C2,C7,C11
10nF
8
1
C9
4.7nF
91
C13
1.5nF
10
3
D3,D9,D10
1N4148
11
1
D4
BAT46J
12
1
D11
15V
13
2
D12,D13
1N4007
14
1
J1
400Vsupply
15
1
J2
Lamp connector
16
1
J3
15Vsupply
17
3
J11,J13,J14
JUMPER1
18
1
L1
2.3mH
19
2
Q1,Q2
STP5NK60ZFP
20
1
Q3
BC847
21
1
R25
1M
Ω
22
5
R14,R15,R19,R20,R21
300k
Ω
23
1
R8
270k
Ω
24
2
R16,R22
100k
Ω
25
1
R23
75k
Ω
26
1
R24
27k
Ω
27
1
R38
12k
Ω
28
3
R6,R26,R33
10k
Ω
29
1
R37
8k2
Ω
30
4
R1,R3,R34,R35
4k7
Ω
31
2
R17,R18
2k4
Ω
32
1
R7
1k
Ω
33
2
R9,R10
22
Ω
34
1
R29
11
Ω
35
1
R36
1
Ω
36
1
U1
ST7FLITE0Y0B09
37
1
U2
L6384
38
1
U4
L78L05ACD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com