Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1971 Datasheet HTML 1Page - STMicroelectronics AN1971 Datasheet HTML 2Page - STMicroelectronics AN1971 Datasheet HTML 3Page - STMicroelectronics AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
ST7LITE0xxx MICROCONTROLLED BALLAST
Figure 6. Peak Voltage Sensor
Figure 7. DC Voltage Sensor
R23 75k
R22
100k
C9
4.7nF
150V
C10
68nF
R24
27k
R19
300k
300V
Voltage Sense
R21
300k
300V
Analog Input
R20
300k
300V
D3
1N4148
+5V
Analog Input
R18
2k4
R17
2k4
Voltage Sense
R16
100k
300V
R14
300k
300V
C8
470n
R15
300k
300V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com