Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1971 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1971 Datasheet HTML 1Page - STMicroelectronics AN1971 Datasheet HTML 2Page - STMicroelectronics AN1971 Datasheet HTML 3Page - STMicroelectronics AN1971 Datasheet HTML 4Page - STMicroelectronics AN1971 Datasheet HTML 5Page - STMicroelectronics AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
ST7LITE0xxx MICROCONTROLLED BALLAST
is a simple software trick using a variable which counts the number of these interrupts. If you
want an event to occur after a certain time (e.g. switch from preheating to ignition mode after
one second), you should watch this global variable and when it reaches the desired value a
proper procedure is run. The time from 1ms up to the dozen of minutes can be measured this
way (with the step of 1ms).
To connect the analog world to the digital core there is an analog to digital converter (ADC) im-
plemented in the ST7LITE0xxx. This ADC has two input ranges, the first measures the analog
voltage from 0 to 5V in order to obtain a digital value ranging from 0 to 255 (8-bit resolution).
The second turns on an integrated amplifier with a gain of eight, which means that it can
measure the voltage in the range from 0 to 250mV. This integrated amplifier is very useful, es-
pecially when measuring the small voltage drop on the current sense resistors.
Lamp current and voltage must be measured to have complete information about the ballast
circuitry. In Figure 4 and Figure 5 are the circuits used to filter the voltage on the current sense
resistor. The first filter is used to obtain the peak current value and the second one to get an
average current.
Two circuits are used for voltage measurement, similar to the current measurement. The first,
used to measure a peak value, is depicted in Figure 6. It is a simple voltage divider with output
in the range from 0 to 5V. To avoid an error caused by the voltage drop on the diode D3, the
divider has been split into two parts. The second measurement circuit, used to obtain the
voltage DC offset on the lamp, is shown in Figure 7. Because the offset can be either positive
or negative the circuit has been adapted to raise the zero point to 2.5V. This means that a
measured voltage smaller than 2.5V results in a negative offset and voltage higher than 2.5V
gives a positive offset.
Figure 4. Peak Current Sensor
Figure 5. DC Current Sensor
Sense Resistor
Analog Input
D4
BAT46
D4
BAT46J
R38
12k
R38
12k
R37
8k2
R37
8k2
C12
150n
C12
150n
Analog Input
Sense Resistor
R33
10k
R33
10k
C19
C19
470nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com