Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3169 Datasheet HTML 2Page - STMicroelectronics AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics AN3169 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IEC 61000-4-4 Tests
AN3169
6/12
Doc ID 17194 Rev 1
2
IEC 61000-4-4 Tests
2.1
Test procedure
To compare the immunity capabilities of the different technologies, we have performed tests
as described in the IEC 61000-4-4 standard [5]. European appliance manufacturers usually
require that their equipment will not present any malfunction for burst levels up to 2 kV.
Here, we increase the burst level by 0.1 kV steps to reach at least one device spurious
triggering within one minute. To easily compare only the Triacs performance, we used a
dedicated board featuring all the AC switches, and their gate connected to their A1 terminals
through gate resistors. This allows us to be sure that the spurious triggering comes from the
switch itself and not from any control circuit. The spurious triggering is detected when the
light bulb, connected in series with one of the switch, is switched on. As a Triac will latch,
usually the on time will last several ms. This is long enough for a human eye to detect it.
The tests are carried out in the following conditions.
●
The printed circuit board is 10 cm above reference plane.
●
A mains S14K300 varistor (refer to “V” on Figure 5) is connected to the mains input on
the PCB.
●
The board embeds four Triacs (or ACSTs).
●
Each Triac-A2 (or ACST OUT) terminal is linked to a 25 W light bulb (resistive loads are
chosen to get easier device turn on as dI/dt is higher than with inductive load).
●
Each gate is connected to A1 or COM terminals respectively, for Triac and ACST,
through a 220 ohm resistor (refer to “Rg” on Figure 5) to be free of spurious firings
coming from any control circuit.
●
No snubber circuits are added across the Triacs or ACSTs.
●
Ambient temperature is 25° C.
●
The board is plugged into an L-N plug which is disturbed by a burst generator (bursts
are coupled to N or to L, for positive or negative bias).
●
The burst generator is programmed as required in the IEC 61000-4-4 standard (15 ms
burst duration, 3 Hz burst frequency, 5 kHz spike frequency, one minute test duration).
Note:
Only results with coupling modes to L and N are presented here as the other coupling
modes are usually less stressful. For example, a simultaneous coupling of the burst to L, N
and the PE (Protective Earth, which is not connected to our board) will lead to a less
stressful test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com