Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3169 Datasheet HTML 1Page - STMicroelectronics AN3169 Datasheet HTML 2Page - STMicroelectronics AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Triac technologies and immunity
AN3169
2/12
Doc ID 17194 Rev 1
1
Triac technologies and immunity
1.1
Triac silicon structures
Triac devices are by far the most used silicon devices to drive AC loads directly connected
on the mains voltage. Triacs are widely used because they present three major advantages:
●
Low forward voltage drop
●
Turn on by gate current pulse
●
High voltage immunity
The first two advantages come from the active silicon structure of the Triac which is based
on four alternatively doped silicon layers (N-P-N-P). These four layers implement two bipolar
transistors which are coupled to maintain the on state even if the gate current is removed
(see Figure 1).
Figure 1.
Active simplified structure of a Triac
The third advantage comes from the fact that the voltage is withstood by the silicon
thickness. It's then quite easy to reach breakdown levels above 1 kV. The main issue is then
the junction termination. Several low cost technologies are used since the 70’s which used a
glass passivation. For example the “Mesa” technology (see Figure 2) uses glass on both
sides of the die (see References 1, 2, and 3) to passivate both junctions, which hold both
forward and reverse high voltages (referred to as “Cathode” or “A1” or “COM” polarity). The
“Top” glass technology (see References 1, 2, and 3) uses only one glass layer (see
Figure 3). This avoids having some glass at the bottom of the die, and so it is easier to put
such dies in every kind of package.
Figure 2.
“Mesa” glass technology
N3
P2
N2
P1
N1
P2
N2
P1
N4
A2
A1
G
N3
P2
N2
P1
N1
P2
N2
P1
N4
Metalization
N
N
N
P
P
N
N
Anode
Glass
Cathode
Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com