Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3169 Datasheet HTML 1Page - STMicroelectronics AN3169 Datasheet HTML 2Page - STMicroelectronics AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN3169
Triac technologies and immunity
Doc ID 17194 Rev 1
5/12
Table 1.
Measured IGT and dV/dt parameters of tested samples
(1)
1.
IGT is measured with standard 30 Ω / 12 V circuit and dV/dt with standard test circuit: open gate and
400 V applied peak voltage
P/N
Techno.
Sample
Igt (mA)
dV/dt (V/µs) 125 °C
Q1
Q2
Q3
Positive
Negative
Z0409N
Top
1
1.02
3.37
4.69
118
94
2
0.90
2.90
3.49
140
135
3
1.02
2.99
4.08
120
95
4
0.98
2.72
3.69
160
138
T410-800
Mesa
1
1.57
5.82
3.43
200
450
2
1.67
7.14
3.69
180
710
3
1.52
5.43
3.31
180
525
4
1.65
6.99
3.64
170
630
ACST2
Planar
1
3.54
6.20
6.83
>5000
>5000
2
3.48
6.20
6.82
>5000
>5000
3
3.45
6.20
6.83
>5000
>5000
4
3.47
6.20
6.73
>5000
>5000
COMP.1A
Planar
1
4.89
4.05
5.10
500
470
2
4.85
4.28
5.22
580
500
3
4.86
4.05
5.05
530
430
4
4.85
4.16
5.34
540
560
COMP.2A
Planar
1
5.27
6.25
5.65
>5000
>5000
2
4.57
4.36
4.27
>5000
>5000
3
3.81
3.39
3.09
>5000
>5000
4
4.82
4.68
4.49
>5000
>5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com