Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3169 Datasheet HTML 1Page - STMicroelectronics AN3169 Datasheet HTML 2Page - STMicroelectronics AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2010
Doc ID 17194 Rev 1
1/12
AN3169
Application note
Technology performance comparison of Triacs
subjected to fast transient voltages
Introduction
This paper presents an experimental comparison of several Triac devices under immunity
tests, as described in the IEC 61000-4-4 standard. After a short reminder of the different
Triac technologies available today (Top, mesa and planar technologies), the IEC 61000-4-4
test procedure to compare the devices is explained. The immunity results are discussed
according to the device technology and the gate current sensitivities. A discussion about
relevance of dV/dt parameter and die area is carried on to differentiate the devices in term of
immunity capability.
Home appliances such as washing machines, refrigerators and dishwashers integrate a lot
of low power loads such as valves, door lock systems, dispensers and drain pumps. These
loads are usually powered by the mains in on / off mode, and are mostly controlled by Triacs.
The direct connection of the silicon switch to the mains, through the load, requires that these
devices must withstand line transients to make the system compliant with the international
electromagnetic compatibility (EMC) standards. The silicon devices are then subjected to
fast transient voltages, as described in the IEC/EN 61000-4-4 standard.
The immunity of several Triac technologies is evaluated here experimentally. Several
guidelines can then be pointed out to design high immunity appliances.
www.st.com


Similar Part No. - AN3169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN316 STMICROELECTRONICS-AN316 Datasheet
438Kb / 17P
clamping protection mode
29-Jul-2014
logo
Silicon Laboratories
AN316 SILABS-AN316 Datasheet
1Mb / 12P
AM/FM TUNER FIELD TEST PROCEDURE
logo
STMicroelectronics
AN3161 STMICROELECTRONICS-AN3161 Datasheet
761Kb / 14P
Using the STGW35HF60WD advanced PT IGBT in parallel
05-May-2010
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
Configuring your ISO 15693 reader
24-Oct-2012
AN3165 STMICROELECTRONICS-AN3165 Datasheet
1Mb / 31P
Digital PFC and dual FOC MC integration
27-Jul-2010
More results

Similar Description - AN3169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-XXXB STMICROELECTRONICS-T810-XXXB Datasheet
102Kb / 5P
HIGH PERFORMANCE TRIACS
May-1998
logo
Vishay Siliconix
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
Specification Comparison
08-Sep-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
Specification Comparison
31-Oct-06
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
logo
STMicroelectronics
T435-400T STMICROELECTRONICS-T435-400T Datasheet
100Kb / 7P
HIGH PERFORMANCE TRIACS
Mar-1995
logo
BCD Semiconductor Manuf...
AP4340 BCDSEMI-AP4340 Datasheet
369Kb / 13P
DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
Current Sense Amplifier Performance Comparison
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com