Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics AN3169 Datasheet HTML 10Page - STMicroelectronics AN3169 Datasheet HTML 11Page - STMicroelectronics AN3169 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Conclusion
AN3169
10/12
Doc ID 17194 Rev 1
3
Conclusion
This application note has given experimental benchmarking analysis among different
alternating current switch offerings. The impacts of silicon process technologies and
sensitivity levels have been discussed. It has thus been shown that sensitivity and dV/dt
parameters are not relevant enough to evaluate the immunity rating of different devices. A
lower IGT will lead to a less immune device but only if we compare devices from similar
silicon process. It has been furthermore shown that the die area has also a big impact on
immunity. Indeed, a bigger die area will lead to a higher device capacitance. This will help to
absorb energy coming from the bursts, and thus reducing the dV/dt across the device. On
the other hand, when dV/dt immunity of Triacs is measured, the voltage rate is forced across
the device. So a bigger die area will lead to a higher capacitive current. So a bigger device,
with the same sensitivity level, will withstand a lower dV/dt level.
Planar technology seems to offer devices with the highest immunity. However, Z04 and T410
devices, respectively produced with a top and mesa technologies, offer the same minimum
level of immunity as the tested planar devices. ACST2 presents the highest immunity level
compared to other technologies or compared to other planar devices from other companies.
ACST2 can then be used without any snubber circuit with a high immunity to bursts and is
the solution for applications requiring a high immunity level.
4
References
1.
J. Arnould, P. Merle, “Dispositifs de l'Electronique de Puissance”, Vol. 2, HERMES
edition, 1992, ISBN 2-86601-308-5.
2.
STMicroelectronics, “SCRs, Triacs and AC Switches Quality and Reliability”, SCRs,
Triacs and AC Switches databook, 4th Edition, 2001.
3.
B. Morillon, “Study of Aluminum Thermomigration in Silicon for the Industrial
Implementation of Isolation Walls in Bidirectioanl Power Devices”, Ph.D. Dissertation,
Institut National des Sciences Appliquées de Toulouse, Toulouse (France), July 2002.
4.
STMicroelectronics, “ACST2 series - AC Switch family”, datasheet, Rev.1, March 2007.
5.
L. Gonthier, “ACS and Triacs Comparison towards Fast Voltage Transients”, conf.
Power Conversion Intelligent Motion, PCIM 2000, Nuremberg, Germany, 2000, Proc.
CD-ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com