Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3169 Datasheet HTML 1Page - STMicroelectronics AN3169 Datasheet HTML 2Page - STMicroelectronics AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Triac technologies and immunity
AN3169
4/12
Doc ID 17194 Rev 1
1.2
Sensitivity and dV/dt immunity
This experimental comparison on immunity level has been performed on different devices
which target the same application. This application is the control of valves or pumps in white
goods. The load current is usually less than 1 A. Anyway, appliances designers use, to
control these loads, 1 A, 2 A and even 4 A Triacs. The use of a high current rating device is
usually motivated by desire for highly immune and robust systems.
To rationally compare the different devices, we have selected devices with the same voltage
and sensitivity ratings. The voltage rating is given by the VDRM and VRRM parameters (800 V
in this application note). The sensitivity is given for Triacs by the IGT parameter which is the
minimum gate current that should be applied to turn on the device. The devices we have
chosen all have a 10 mA maximum IGT.
The Triac sensitivity can not be reduced too much. An appliance designer has to work with
the sensitivity (supply consumption) and immunity compromise. If the IGT is too low, the
device will not be able to withstand excessive dV/dt rates across its power terminals (A1 and
A2 for Triacs, or OUT and COM for ACST). Triac manufacturers then give a dV/dt parameter
which is measured at the maximum junction temperature. Results of Table 1 are given for
dV/dt tests performed at a 125 °C junction temperature and a 400 V applied voltage. It
should be noted that some values are lower than values given in constructors datasheet for
the devices which are specified at 110 °C instead of 125 °C. This is a normal result as the
dV/dt immunity decreases with the temperature.
Table 1 gives the IGT and dV/dt parameters that we measured for the different samples we
used during IEC 61000-4-4 tests, and for the different bias polarities.
The products tested are:
●
the Z0409N: a top glass 4 A Triac
●
the T410-800: a mesa glass 4 A Triac
●
the ACST2: a planar 2 A Triac
●
the COMP.1A: a planar 1 A Triac
●
the COMP.2A: a planar 2 A Triac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com