Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3169 Datasheet HTML 3Page - STMicroelectronics AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics AN3169 Datasheet HTML 10Page - STMicroelectronics AN3169 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN3169
IEC 61000-4-4 Tests
Doc ID 17194 Rev 1
7/12
Figure 5.
IEC 61000-4-4 test schematic
2.2
Impact of a varistor on mains input
The IEC 61000-4-4 standard as been developed mainly to protect equipment from fast
voltage transients coming from bad mains connection, electrostatic discharge or inductive
load disconnection. Designers usually think that the impact of the burst is mainly due to the
high dV/dt, and so due to the capacitive currents circulating through all parasitic capacitors.
This effect is one of the major ones. Applying bursts can also cause some spurious device
turn on due to excessive voltage across the switches. For example, Figure 6 shows the
voltage and current waveforms of an ACST2 used in the previously described board but
without any varistor for a 1 kV burst. We see that when the voltage spikes are applied at
peak mains voltage, the device turns on, and turns off for the next ZCS (zero current
switching) point. If we zoom in on this oscillogram with a 0.4 µs/division time scale, we
clearly see that the triggering comes from an overvoltage. Indeed, Figure 7 shows that the
voltage across the ACST2 reaches more than 800 V, and then the device turns on in
breakover mode.
Such a turn on can be allowed with ACST2 devices, contrary to other technologies and even
contrary to other planar devices from other companies. For ACST2 there will not be any risk
of device failure, as long as the applied current remains below the guaranteed limit. But,
applying such bursts without any voltage protection on mains input could lead to devices
failure with top or mesa glass technologies. This is the reason why we put a varistor on the
board we used for IEC 61000-4-4 tests.
Figure 6.
ACST2 behavior during 1 kV burst (without input varistor)
V
Rg
L
N
V
V
OUT-COM
I
OUT
V
OUT-COM
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com