Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3169 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3169
Description  Technology performance comparison of Triacs subjected to fast transient voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3169 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3169 Datasheet HTML 4Page - STMicroelectronics AN3169 Datasheet HTML 5Page - STMicroelectronics AN3169 Datasheet HTML 6Page - STMicroelectronics AN3169 Datasheet HTML 7Page - STMicroelectronics AN3169 Datasheet HTML 8Page - STMicroelectronics AN3169 Datasheet HTML 9Page - STMicroelectronics AN3169 Datasheet HTML 10Page - STMicroelectronics AN3169 Datasheet HTML 11Page - STMicroelectronics AN3169 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IEC 61000-4-4 Tests
AN3169
8/12
Doc ID 17194 Rev 1
Figure 7.
ACST2 turn on zoom (without input varistor)
2.3
Technology impact on immunity levels
Immunity test results according to P/N are given in Figure 8. This graphic gives the
maximum burst levels that the different devices were able to withstand before turn on. We
see that most of the devices present highly dispersed results. Even if these tests have been
performed with devices with a low dispersion on IGT levels (for the same product, refer to
Table 1), their immunity levels can vary with a 1 to almost 3 scale. The coupling mode and
burst polarity also have an impact on the immunity capability of a sample. This impact can
vary between 20 to 60%. Only the minimum value of the “maximum burst level” range, given
in Figure 8, should be taken into account. This minimum level corresponds to the worst-case
operation among all the different coupling cases covered by the IEC 61000-4-4 standard.
It should be also noted that the maximum capability of our burst generator is 4.5 kV. That
means that we didn't succeed in reaching the maximum immunity level of most ACST2
devices.
These results offer several interesting considerations.
●
The planar technology allows the highest level to be reached, but different companies
do not reach the same level.
●
ACST2 supports levels twice as high as its closest competitor (COMP.2A).
●
The 2 A device (COMP.2A) in planar technology is approximately as immune as the 4 A
Triac in mesa glass technology.
●
A device which presents a good dV/dt immunity (around 500 V/us for COMP.1A) can
only be as immune as a 4 A top device with a dV/dt capability close to 100 V/us.
Concerning the last point, it should be noted that the COMP.1A device presents a die area
which is approximately 20% lower than the Z0409. And generally speaking it can be said
that the bigger the die area is, the higher the immunity level is. Only the ACST2, which
presents the highest immunity level, presents also the highest “immunity-level-to-die-area”
ratio.
Indeed, its die area is almost half that of the T410-800 for twice the immunity.
Compared to COMP.2A, this “immunity-area” ratio is also 40% higher. To reach
approximately the same immunity level (2.4 KV in average, compare to 3 kV with ACST2), a
47 nF - 100 ohm snubber circuit has to be added across the COMP.2A device.
V
OUT-COM
I
OUT
V
OUT-COM
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com