Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 5Page - STMicroelectronics AN3209 Datasheet HTML 6Page - STMicroelectronics AN3209 Datasheet HTML 7Page - STMicroelectronics AN3209 Datasheet HTML 8Page - STMicroelectronics AN3209 Datasheet HTML 9Page - STMicroelectronics AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN3209
Component overview
Doc ID 17419 Rev 2
9/42
2.1.2
M24LR64-R I2C interface
The M24LR64-R can work both in standard and Fast I2C modes. The device carries a built-
in 4-bit device type identifier code (1010b) compliant with the I2C bus definition. For the
demonstration application, the STM8L101K3 master operates at a speed of 100 kHz.
The M24LR64-R behaves as a slave for the I2C protocol with all memory operations
synchronized by the serial clock. The device I2C address is 1010 0000b (0xA0)
The I2C master writes and reads to/from the M24LR64-R memory. These basic operations
are performed by the M24LR64-R_Datalogger_application_firmware by calling i2c_ee.c
library functions.
Write operations
To write to the memory, the I2C master sends write commands to the M24LR64-R. The
command frame must be compliant with the format described in Figure 7.
The M24LR64-R_Datalogger_application_firmware calls the I2C_EE_PageWrite function
which programs a set of bytes into the EEPROM (see Table 2 for a description and an
example).
Figure 7.
Write I2C frame format
AC0, AC1
Antenna coils
I/O
VCC
Supply voltage
VSS
Ground
Table 1.
M24LR64-R signal names (continued)
Signal name
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com