Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 7Page - STMicroelectronics AN3209 Datasheet HTML 8Page - STMicroelectronics AN3209 Datasheet HTML 9Page - STMicroelectronics AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN3209
Component overview
Doc ID 17419 Rev 2
11/42
2.1.3
M24LR64-R RF Interface
In ISO 15693/ISO 18000-3 1 RF mode, the M24LR64-R is accessible via the 13.56 MHz
carrier electromagnetic wave. Incoming data are demodulated from the received signal
amplitude modulation (ASK: amplitude shift keying). The received ASK wave is 10% or
100% modulated with a data rate of 1.6 Kbit/s using the 1/256 pulse coding mode, or
26 Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the M24LR64-R load variation using Manchester coding
with one or two subcarrier frequencies at 423 kHz and 484 kHz. Data are transferred from
the M24LR64-R at 6.6 Kbit/s in low data rate mode and 26 Kbit/s high data rate mode. The
M24LR64-R supports the 53 Kbit/s in high data rate mode in one subcarrier frequency at
423 kHz. The M24LR64-R follows the ISO 15693/ISO 18000-3 mode 1 recommendation for
radio-frequency power and signal interface
RF commands are sent and decoded by the RFID reader. The demonstration application
can operate with FEIG and estar USB readers, for compliance with the available M24LR64-
R kits:
●
Development kit: FEIG reader
●
Demonstration kit: FEIG reader
●
Starter kit: estar reader
The commands depend on the type of reader.
The PC M24LR64-R_Datalogger_application_software is developed in Visual Basic. It
includes functions allowing to operate the datalogger with both FEIG and estar readers:
●
Inventory
●
Reset To Ready
●
Read Single Block
●
Write Single Block
●
Read Multiple Block
Refer to Appendix B: M24LR64-R RF commands for a detailed description of these
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com