Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics AN3209 Datasheet HTML 18Page - STMicroelectronics AN3209 Datasheet HTML 19Page - STMicroelectronics AN3209 Datasheet HTML 20Page - STMicroelectronics AN3209 Datasheet HTML 21Page - STMicroelectronics AN3209 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Component overview
AN3209
18/42
Doc ID 17419 Rev 2
2.3
Digital temperature sensor
2.3.1
STTS75 main features
The STTS75 is a high-precision CMOS digital temperature sensor IC with a programmable
9- to 12-bit analog-to-digital (ADC) converter and an I2C-compatible serial digital interface..
The STTS75 typically accuracy is ±3 °C over the full temperature measurement range of
–55 to 125 °C, and ±2°C in the –25 to 100°C range.
It operates from a 2.7 to 5.5 V supply voltage, with a typical supply current of 75 µA at 3.3 V.
For the demonstration datalogger application, the sensor is configured to the default
resolution settings that is 9 bits, to achieve a temperature resolution of 0.5 °C.
The STTS75 is factory-calibrated and requires no external components to measure
temperature.
Figure 12.
STTS75 temperature sensor pinout
1.
SDA and OS/INT are open drain.
Figure 13.
STTS75 temperature sensor block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com