Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 9Page - STMicroelectronics AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AN3209
Component overview
Doc ID 17419 Rev 2
13/42
System bytes
●
Status byte
The Status byte shows the current application state. Refer to Table 5 for the meaning of
each possible value.
●
Overwrite byte
During the acquisition, the temperature values are stored in the memory. When the
memory is full, the application can either stop or rewrite data starting from the first
address, depending on the value of the Overwrite byte (see Table 6).
●
Delay byte
The Delay byte contains the value of the acquisition rate (see Table 7):
●
Nb Temp bytes
NbTemp bytes contains the number of temperature values stored in the memory. It
consists in two hexadecimal-coded bytes. The number of temperature values is the
concatenation of Nb Temp[1] and Nb Temp[0] where Nb Temp[0] is the LSB and Nb
...
...
...
...
...
...
...
63
2016
8064
Temp4092
[1]
Temp4092
[0]
Temp4091 [1]
Temp4091 [0]
Table 5.
Status byte values
Status byte value
Description
0x11
START
0X22
PAUSED
0x33
RUNNING
0x44
STOPPED
0x55
UPDATE
0x66
OTHER
Table 6.
Overwrite byte values
Overwrite byte value
Description
0x11
Overwrite authorized
Any other values
Overwrite non authorized
Table 7.
Delay byte values
Delay byte value
Description (s)
Comment
0x0D
1
Temperature measured and saved every second
0x10
30
Temperature measured and saved every 30 seconds
Table 4.
M24LR64-R-R memory organization
Sector
number
RF block
address
i2C byte
address
bit [31:24]
bit [23:16]
bit [15:8]
bit [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com