Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics AN3209 Datasheet HTML 18Page - STMicroelectronics AN3209 Datasheet HTML 19Page - STMicroelectronics AN3209 Datasheet HTML 20Page - STMicroelectronics AN3209 Datasheet HTML 21Page - STMicroelectronics AN3209 Datasheet HTML 22Page - STMicroelectronics AN3209 Datasheet HTML 23Page - STMicroelectronics AN3209 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Component overview
AN3209
20/42
Doc ID 17419 Rev 2
Read acquired temperature
To read the 2 bytes temperature register, the I2C master must send a Pointer Set
Configuration Register Write frame followed by a 2-byte read frame (see Figure 15).
This operation is managed by calling the I2C_SS_BufferRead(unit8_t* pBuffer,
unit16_t ReadAddr, unit8_t NumberByteToRead)
function.
Figure 15.
Typical pointer set followed by a READ for 2-byte register
2.3.4
Temperature format
Table 8 shows the relationship between the output digital data and the external temperature
for 9 to 12-bit resolution. The left-most bit in the output data stream controls temperature
polarity information for each conversion. If the sign bit is '0', the temperature is positive and
of the sign bit is '1', the temperature is negative.
Table 8.
Relationship between temperature and digital output
Temperature
(°C)
Sign
Number of bits used by
conversion resolution
910
11
12
Always
zero
Digital
output
(Hex)
12-bit resolution
0000
11-bit resolution
0
0000
10-bit resolution
0
0
0000
9-bit resolution
0
0
0
0000
+125
0
111
1101
0
0
0
0
0000
7D00
+25.0625
0
001
1001
0
0
0
1
0000
1910
+10.125
0
000
1010
0
0
1
0
0000
0A20
+0.5
0
000
0000
1
0
0
0
0000
0080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com