Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 33Page - STMicroelectronics AN3209 Datasheet HTML 34Page - STMicroelectronics AN3209 Datasheet HTML 35Page - STMicroelectronics AN3209 Datasheet HTML 36Page - STMicroelectronics AN3209 Datasheet HTML 37Page - STMicroelectronics AN3209 Datasheet HTML 38Page - STMicroelectronics AN3209 Datasheet HTML 39Page - STMicroelectronics AN3209 Datasheet HTML 40Page - STMicroelectronics AN3209 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AN3209
M24LR64-R RF commands
Doc ID 17419 Rev 2
37/42
B.3
Read single block
The Read Single Block ISO 15693 command is performed by calling the
ReadRF_single_DataLogger() function.
.
B.4
Read Multiple Block
The Read Multiple Block ISO 15693 command is performed by calling the
ReadRF_multiple_DataLogger() function:
.
Table 12.
ReadRF_single_DataLogger()
Function description
Prototype
Function ReadRF_single_DataLogger (lngAddLow As Long,
lngDataSize As Long, lngNbByteAddress As Long) As String
Parameters
lngAddLow: address the read operation starts from
lngDataSize: number of data bytes to be read
lngNbByteAddress: number of bytes used to code the address
Returned
value
String
Example
ReadRF_single_DataLogger(0, 4, 2) returns the 4 bytes read from address
0 coded on 2 bytes.
Table 13.
ReadRF_multiple_DataLogger()
Function description
Prototype
Function ReadRF_multiple_DataLogger (lngAddLow As Long,
lngRowNumber As Long, lngDataSize As Long, lngNbByteAddress As
Long) As String
Parameters
lngAddLow: address the read operation starts from
lngRowNumber: number of blocks to be read (maximum 32)
lngDataSize: number of bytes per block
lngNbByteAddress: number of bytes used to code the address
Returned
value
String
Example
ReadRF_multiple_DataLogger(0,32,4,2) returns in 32*4 bytes read from the address
0 coded on 2 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com