Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 8Page - STMicroelectronics AN3209 Datasheet HTML 9Page - STMicroelectronics AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Component overview
AN3209
12/42
Doc ID 17419 Rev 2
FEIG commands
FEIG readers are delivered with a package to develop and program application software in
AINSI-C/C++, and Visual Basic (see Figure 9).
Figure 9.
FEIG software support for windows
Estar commands
Estar readers are delivered with a package to develop and program application software in
ANSI-C/C++, and Visual Basic. The following dll files are provided:
●
For Visual Basic: HIDdll.bas
●
For C/C++: HIDdll.h, HIDdll.lib
2.1.4
Datalogger memory mapping
The M24LR64-R memory is used as described in Table 4. The first two blocks of sector 0
contain critical system parameters, and application data.
Table 4.
M24LR64-R-R memory organization
Sector
number
RF block
address
i2C byte
address
bit [31:24]
bit [23:16]
bit [15:8]
bit [7:0]
0
0
0
RFU
Delay
Overwrite
Status
0
1
4
RFU
RFU
Nb Temp[1]
Nb Temp[0]
0
2
8
Temp2 [1]
Temp2 [0]
Temp1 [1]
Temp1 [0]
0
3
12
Temp4 [1]
Temp4 [0]
Temp3 [1]
Temp3 [0]
0
4
16
Temp6 [1]
Temp6 [0]
Temp5 [1]
Temp5 [0]
0
5
20
Temp8 [1]
Temp8 [0]
Temp7 [1]
Temp7 [0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com