Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3209 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics AN3209 Datasheet HTML 18Page - STMicroelectronics AN3209 Datasheet HTML 19Page - STMicroelectronics AN3209 Datasheet HTML 20Page - STMicroelectronics AN3209 Datasheet HTML 21Page - STMicroelectronics AN3209 Datasheet HTML 22Page - STMicroelectronics AN3209 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AN3209
Component overview
Doc ID 17419 Rev 2
19/42
2.3.2
STTS75 I2C interface
The STTS75 has a simple 2-wire I2C-compatible digital serial interface which allows to
access the data stored in the temperature register at any time.
It communicates via the serial interface with a master controller which operates at speeds
up to 400 kHz. However, for the demonstration datalogger application the master operates
at a speed of 100 kHz.
A0, A1, and A2 pins select the address and allow to connect to up to 8 devices on the same
bus without address conflict. For the demonstration application, A0, A1 and A2 are
connected to ground.
STTS75 I2C device address is 1001 0000b (0x90).
2.3.3
STTS75 I2C commands
The I2C master requests the sensor to acquire a temperature value and read the data from
the sensor register. These operations are performed by calling functions of the I2C library,
i2c_ee.c. Refer to Appendix C: STTS75 I2C commands for a detailed description of these
STTS75 functions.
Acquire temperature
To configure the temperature sensor in temperature acquisition mode, the I2C master sends
a Pointer Set Configuration Register Write frame as shown in Figure 14.
This is done by calling the I2C_SS_Config (uint16_t ConfigBytes) function.
Figure 14.
Typical Pointer Set Configuration Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com