Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 2Page - STMicroelectronics AN3255 Datasheet HTML 3Page - STMicroelectronics AN3255 Datasheet HTML 4Page - STMicroelectronics AN3255 Datasheet HTML 5Page - STMicroelectronics AN3255 Datasheet HTML 6Page - STMicroelectronics AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Application description
AN3255
6/24
Doc ID 17784 Rev 1
1.2
Short-range contactless communication principles
1.2.1
CR14 contactless coupler
The CR14 is the main component of the RFID reader PCB. It interfaces with the following
components:
●
The contactless tags
The data frames exchanged with the tags are compliant with ISO14443 type-B radio
frequency protocol. Data are stored in the CR14 input/output Frame registers (see
Table 1: CR14 control registers).
●
The STM8S105C6T6 through the I2C bus.
The CR14 is organized as 4 functional blocks:
●
The I²C bus controller
It handles the serial connection with the STM8S105C6 application host, and controls
the read/write accesses to all CR14 registers. It is compliant with the 400 KHz I2C bus
specification.
●
The RAM buffer
The RAM buffer is bidirectional. It stores all the request frame bytes to be transmitted to
the tag, plus all the received bytes sent back by the tag on the answer frame.
●
The transmitter
It powers the tag by generating a 13,56 MHz signal on an external antenna. The
resulting field is 10% modulated using ASK (amplitude shift keying) modulation to
transmit data.
●
The receiver
It demodulates the signal generated on the antenna by the load variation of the tag.
The resulting signal is decoded by an 847 KHz BPSK (binary phase shift keying) sub-
carrier decoder.
The CR14 generates an electromagnetic field which is rectified to power the tag. The reader
transmits information to the tag by modulating the carrier wave. To transmit information back
to the reader, the tag backscatters the carrier wave by modifying its own impedance thereby
perturbing the field.
The CR14 chip contains six volatile registers of which three allow to configure the CR14 and
to transmit/receive frames to/from the tag (see Table 1):
●
Parameter register
●
Input/Output Frame register
●
Slot Marker register
For details regarding registers description and CR14 I2C protocol, refer to the CR14
datasheet.
Table 1.
CR14 control registers
Address
Description
Access
Purpose
00h
Parameter register
1 byte
W
Set parameter register
R
Read parameter register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com