Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics AN3255 Datasheet HTML 12Page - STMicroelectronics AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
STM8S-DISCOVERY configuration
AN3255
14/24
Doc ID 17784 Rev 1
2
STM8S-DISCOVERY configuration
2.1
Power supply configuration
The CR14 of the RFID reader PCB must be supplied from 5 V
± 500 mV. This board being
powered from STM8S-DISCOVERY VDD, the jumper JP1 of the STM8S-DISCOVERY must
be set to VDD = 5 V (see UM0817).
2.2
Option byte configuration
The STM8S105C6T6 Beeper output is enabled through the alternate function remapping
option (AFR7) of the OPT2 option byte:
AFR7 = 0: port D4 alternate function is TIM2_CH1 (default)
AFR7 = 1: port D4 alternate function is BEEP (required)
For details on the option byte and alternate function remapping, refer to UM0834 and to the
STM8S105xx datasheet, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com