Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 4Page - STMicroelectronics AN3255 Datasheet HTML 5Page - STMicroelectronics AN3255 Datasheet HTML 6Page - STMicroelectronics AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics AN3255 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Application description
AN3255
8/24
Doc ID 17784 Rev 1
Figure 2.
Ack Polling flowchart
1.2.3
Reader-tag protocol
Standard tag commands such as Read and Write are generated by the CR14 using its
Input/Output Frame register. To send a command to the tag, the STM8S105C6 host first
generates internally the complete frame containing the command code followed by the
command parameters (if required). Only the 2 CRC bytes must not be generated as the
CR14 automatically adds them during the RF transmission.
Once the frame is ready, the host writes it into the Input/Output Frame register using an I2C
Write command.
If the tag answers, the characters received are demodulated, decoded and stored into the
input/output frame buffer. During the entire RF transmission, the CR14 disconnects itself
from the I2C bus. On reception of the tag EOF, the CR14 checks the CRC and reconnects to
the I2C bus. The host can then get the tag answer frame by issuing an Input/Output Frame
Register Read command on the I2C bus.
Refer to the CR14 datasheet for details on Read and Write commands.
1.2.4
Commands and tag states
The tag can be switched into different states (see Figure 3). The tag only answers specific
commands depending on its current state. These states are specified by the ISO 15693
standard. For details concerning these states, refers to one of ST short range contactless
EEPROM datasheet (for example SRI2K) available from http://www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com