Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics AN3255 Datasheet HTML 19Page - STMicroelectronics AN3255 Datasheet HTML 20Page - STMicroelectronics AN3255 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3255
Software description
Doc ID 17784 Rev 1
17/24
Figure 5.
Main application loop flowchart
During peripheral initialization, the application first configures the CR14 parameter register
to generate the 13,56 MHz RF field on the reader antenna.
Prior to issuing a Read/Write command (such as Get_UID()) to the memory tag, the tag
state machine must be put in the Selected state by sending a Select(Chip_ID) command. All
commands sent to the tag before this command is issued are ignored.
Once the peripheral initialization has completed, the application code enters a loop in which
it checks if a tag is present in the RF field by writing periodically the Initiate() command in
the CR14 Input/Output Frame register (see Appendix A: I2C memory addressing). If no tag
is present in the electromagnetic field, the STM8S105C6T6 enters the Active-halt power
saving mode for 512 ms and automatically wakes up to issue a new Initiate() command.
As soon as a tag is present in the electromagnetic field, it automatically enters the Ready
state in which its 8-bit random Chip_ID is initialized. When receiving the Initiate() command,
the tag then switches to the Inventory state in which its new 8-bit Chip_ID random value is
set and returned to the CR14. Since this application software does not implement the anti-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com