Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 3Page - STMicroelectronics AN3255 Datasheet HTML 4Page - STMicroelectronics AN3255 Datasheet HTML 5Page - STMicroelectronics AN3255 Datasheet HTML 6Page - STMicroelectronics AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN3255
Application description
Doc ID 17784 Rev 1
7/24
1.2.2
I2C polling using Ack
During radio frequency data exchange, the CR14 disconnects itself from the I2C bus. The
time needed to complete the exchange is not fixed as it depends on the tag command
format. To know when the exchange is complete before starting reading the data in the
Input/Output Frame register, the bus master uses an Ack polling sequence that performs the
following actions:
1.
Initial condition: a radio frequency data exchange is in progress.
2.
Step 1: the master issues a START condition followed by the first byte of the new
instruction (Device Select Code plus R/W bit = 1) (see Appendix A: I2C memory
addressing).
3.
Step 2: if the CR14 is busy, no Ack is returned and the master goes back to Step 1. If
the CR14 has completed the radio frequency data exchange, it responds by sending
back an ACK, thus indicating that it is ready to receive the second part of the next
instruction (the first byte of this instruction has been sent during Step 1).
Figure 2 shows the detailed I²C Ack polling flowchart.
01h
Input/Output Frame
register
36 bytes
W
Store and send request
frame to the tag. Wait for
tag answer frame
R
Transfer tag answered
frame data to host
02h
ST reserved
N/A
W
ST reserved, must not be
used
R
03h
Slot Marker register
1 byte
W
Launch the automated anti-
collision process from
Slot_0 to Slot_15
R
Return FFh
04h
ST reserved
N/A
R and W
ST reserved, must not be
used
05h
ST reserved
N/A
R and W
ST reserved, must not be
used
Table 1.
CR14 control registers (continued)
Address
Description
Access
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com