Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 6Page - STMicroelectronics AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics AN3255 Datasheet HTML 12Page - STMicroelectronics AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Application description
AN3255
10/24
Doc ID 17784 Rev 1
R8
0
Ω
Serial resistor allowing to fine
tune the quality factor of the
reader antenna
Capacitor
C1, C2
7 pF
crystal oscillator capacitors
C3
22 nF
-
C4
22
μF-
C5
5pF (50V)
-
C6
100 nF
-
C7, C7’
220 pF (50 V), 56 pF (50 V)
Capacitors allowing to fine tune
the RLC resonant frequency
C8, C8’
82 pF (50 V), 22 pF (50 V)
impedance adaptation of the
RLC resonant circuit.
Diode
D1 (N4148)
Optional
Ferrite
L3,L4,L5,L6, L7 multilayer SMD
ferrites
Removal of parasites for tag
data reception and I2C
Table 3.
List of PCB packaged components
Part name
Component name
Description
Package
CR14/CRX14
Short-range RFID
couplers
Contactless coupler
compliant with short-
range ISO14443 type-B
standard
SO16
13.56 MHz crystal
Crystal
Generates a 13.56 MHz
carrier frequency
XTALCMS
Table 4.
List of tag packaged components
Part name
Component name
Description
Package
SRI2K
13,56 MHZ short-range
contactless memory
chip
Short-range contactless
memory used to build a
tag
SBN18
Table 5.
List of other passive components
Component description
Value
Comment
Resistor
RP1, RP2 resistors
4,7 K
Ω
Pull-up for I2C open-drain
Table 2.
List of PCB passive components (continued)
Component description
Value
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com