Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 12Page - STMicroelectronics AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics AN3255 Datasheet HTML 19Page - STMicroelectronics AN3255 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Software description
AN3255
16/24
Doc ID 17784 Rev 1
3.3
Application principle
This application initiates communications with the tags present in the range of the
electromagnetic field generated by the reader antenna, and read the tag UIDs. If the
operation succeeds, the STM8S105C6T6 emits a beep and blinks LD1.
When running the code in debug mode from STVD development tool, the UID value can be
displayed in the Watch windows.
The application uses the I2C protocol to configure the CR14 embedded on the RFID reader
board, and to transmit/receive frames to/from the tags (see Table 6). Communications with
the tags are managed by the state transition diagram shown in Figure 3.
A possible way to improve this application would be to use an LCD screen to display the tag
unique identifier (UID). Another improvement could be to implement the CR14 anti-collision
capability which allows the reader to select up to 16 tags (one at a time) during predefined
time slots.
Refer to Figure 5 for the flowchart of the application software main loop.
Table 6.
TAG commands used within this application
Tag commands
Description
Initiate()
To detect if a tag in Ready state is present in the reader field range
Select(Chip_ID)
Allow the tag to enter the Selected state
Get_UID()
On receiving this command, the tag returns its 8 UID bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com