Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3255 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3255 Datasheet HTML 1Page - STMicroelectronics AN3255 Datasheet HTML 2Page - STMicroelectronics AN3255 Datasheet HTML 3Page - STMicroelectronics AN3255 Datasheet HTML 4Page - STMicroelectronics AN3255 Datasheet HTML 5Page - STMicroelectronics AN3255 Datasheet HTML 6Page - STMicroelectronics AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2010
Doc ID 17784 Rev 1
1/24
AN3255
Application note
Building an RFID short-range reader
using the STM8S-DISCOVERY
Application overview
High frequency 13,56 MHz RFID solutions offer ideal close-proximity identification for
product authentication, parcel tracking, document management, library and ticketing
applications.
This application note describes how to build an RFID (radio frequency identification) short-
range reader using STMicroelectronics STM8S-DISCOVERY and ISO14443 type-B CR14
contactless coupler. The STM8S-DISCOVERY and the CR14 communicate through an I2C
bus.
The resulting RFID reader can exchange data with ISO 14443-2 type-B proximity PICCs
(proximity integrated coupling cards) also called tags. Communications are possible only
when the tags are present in the electromagnetic field generated by the reader built-in
antenna.
Once the STM8S-DISCOVERY is powered up through a USB cable connected to the host
PC, an electromagnetic field is generated by the RFID reader. A beep is emitted and the
LED LD1 briefly lights up when an ISO 14443-2 type-B proximity tag is detected by the
reader and its unique identifier (UID) successfully read.
The STM8S-DISCOVERY can be used to evaluate the main features of all STM8S MCUs,
even if it is built on an STM8S105C6T6.
Reference documents
■ STM8S-DISCOVERY evaluation board user manual (UM0817).
■ Developing and debugging your STM8S-DISCOVERY application code (UM0834).
■ User manual “CR14 and CRX14 reference design PCB Gerber files” (UM0672) and RFID
Gerber files.
■ CR14 datasheet: “Low cost ISO14443 type-B contactless coupler chip with anti-collision
and CRC management”
■ SRI2K datasheet: “13,56 MHz short-range contactless memory chip with 2048 bit
EEPROM and anti-collision functions”
■ Application note “Antenna (and associated components) matching-circuit calculation of
the CRX14 coupler” (AN1806)
■ Application note “How to design a 13.56 MHz customized antenna” (AN2866)
These documents can be downloaded from http://www.st.com.
www.st.com


Similar Part No. - AN3255

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3250 STMICROELECTRONICS-AN3250 Datasheet
596Kb / 16P
M24LR64-R Multi-bank reference design description and settings
23-Jul-2010
AN3254 STMICROELECTRONICS-AN3254 Datasheet
661Kb / 24P
SPI protocol for the STPMC1 metering device
19-Nov-2010
AN3256 STMICROELECTRONICS-AN3256 Datasheet
945Kb / 23P
Low-cost LED driver for an A19 lamp
23-Sep-2010
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
Local interconnect network
05-Oct-2010
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
More results

Similar Description - AN3255

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
Demonstration board using the PD84002 for UHF RFID reader
22-Sep-2007
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
Building a thermometer using the STM8S-DISCOVERY
17-Dec-2010
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
AN3280 STMICROELECTRONICS-AN3280 Datasheet
171Kb / 13P
Displaying variable voltage on a bar of LEDs using STM8S-DISCOVERY
21-Oct-2010
AN3332 STMICROELECTRONICS-AN3332 Datasheet
96Kb / 7P
Generating PWM signals using STM8S-DISCOVERY
15-Jan-2011
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
logo
STMicroelectronics
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
STM8S access Discovery
05-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com