Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 5Page - STMicroelectronics PM0068 Datasheet HTML 6Page - STMicroelectronics PM0068 Datasheet HTML 7Page - STMicroelectronics PM0068 Datasheet HTML 8Page - STMicroelectronics PM0068 Datasheet HTML 9Page - STMicroelectronics PM0068 Datasheet HTML 10Page - STMicroelectronics PM0068 Datasheet HTML 11Page - STMicroelectronics PM0068 Datasheet HTML 12Page - STMicroelectronics PM0068 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
PM0068 Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memo-
Doc ID 17100 Rev 2
9/31
In case of non-availability of a high frequency clock in the system, Flash memory accesses
can be made on a half cycle of HCLK (AHB clock), the frequency of HCLK permitting (half-
cycle access can only be used with a low-frequency clock of less than 8 MHz that can be
obtained with the use of HSI or HSE but not of PLL). This mode can be chosen by setting a
control bit in the Flash access control register.
Note:
Half-cycle access cannot be used when there is a prescaler different from 1 on the AHB
clock.
Access time tuner
In order to maintain the control signals to read the Flash memory, the ratio of the prefetch
controller clock period to the access time of the Flash memory has to be programmed in the
Flash access control register. This value gives the number of cycles needed to maintain the
control signals of the Flash memory and correctly read the required data. After reset, the
value is zero and only one cycle is required to access the Flash memory.
2.2.2
D-Code interface
The D-Code interface consists of a simple AHB interface on the CPU side and a request
generator to the Arbiter of the Flash access controller. D-code accesses have priority over
prefetch accesses. This interface uses the Access Time Tuner block of the prefetch buffer.
2.2.3
Flash access controller
Mainly, this block is a simple arbiter between the read requests of the prefetch/I-code and D-
Code interfaces.
D-Code interface requests have priority over I-Code requests.
2.3
Flash program and erase controller (FPEC)
The FPEC block handles the program and erase operations of the Flash memory. The
FPEC consists of twelve 32-bit registers.
Flash access control register (FLASH_ACR), common to bank 1 and bank 2
FPEC key register (FLASH_KEYR), dedicated to bank 1
Option byte key register (FLASH_OPTKEYR), common to bank 1 and bank 2
Flash control register (FLASH_CR), dedicated to bank 1 and option bytes programming
Flash status register (FLASH_SR), dedicated to bank 1
Flash address register (FLASH_AR), dedicated to bank 1
Option byte register (FLASH_OBR), common to bank 1 and bank 2
Write protection register (FLASH_WRPR), common to bank 1 and bank 2
FPEC key register2 (FLASH_KEYR2), dedicated to bank 2
Flash control register2 (FLASH_CR2), dedicated to bank 2
Flash status register2 (FLASH_SR2), dedicated to bank 2
Flash address register2 (FLASH_AR2), dedicated to bank 2
An ongoing Flash memory operation will not block the CPU as long as the CPU does not
access the Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com