Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 14Page - STMicroelectronics PM0068 Datasheet HTML 15Page - STMicroelectronics PM0068 Datasheet HTML 16Page - STMicroelectronics PM0068 Datasheet HTML 17Page - STMicroelectronics PM0068 Datasheet HTML 18Page - STMicroelectronics PM0068 Datasheet HTML 19Page - STMicroelectronics PM0068 Datasheet HTML 20Page - STMicroelectronics PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memory
18/31
Doc ID 17100 Rev 2
Table 5.
Description of the option bytes
Flash memory
address
Option bytes
0x1FFF F800
Bits [31:24]: nUSER
Bits [23:16]: USER: User option byte (stored in FLASH_OBR[9:2])
This byte is used to configure the following features:
–
Select the Flash bank to boot from: bank 1 or bank 2.
–
Select the watchdog event: Hardware or software.
–
Reset event when entering Stop mode.
–
Reset event when entering Standby mode.
Note: Only bits [19:16] are used, bits [23:20] are not used and set to 0xF.
Bit 19: BFB2 Boot from Flash memory bank 1 or bank 2
This bit allows to select the active Flash bank to boot from: bank 1 or bank 2.
0: The device boots from Flash memory bank 1 or bank 2, depending on the
activation of the bank. The active banks are checked in the following order:
bank 2, followed by bank 1. The active bank is identified by the value
programmed at the base address of the bank ( corresponding to the initial stack
pointer value in the interrupt vector table). Refer to application note AN2606 for
further details. In this case, the boot pins can only select user Flash or RAM
boot.
1: The device will boot from Flash memory bank 1 when boot pins are set in “boot
from user Flash” position (default).
Bit 18: nRST_STDBY
0: Reset generated when entering Standby mode.
1: No reset generated.
Bit 17: nRST_STOP
0: Reset generated when entering Stop mode
1: No reset generated
Bit 16: WDG_SW
0: Hardware watchdog
1: Software watchdog
Bits [15:8]: nRDP
Bits [7:0]: RDP: Read protection option byte
The read protection helps the user protect the software code stored in Flash
memory. It is activated by setting the RDP option byte.
When this option byte is programmed to a correct value (RDPRT key = 0x00A5),
read access to the Flash memory is allowed.
(The result of RDP level enabled/disabled is stored in FLASH_OBR[1].)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com