Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 18Page - STMicroelectronics PM0068 Datasheet HTML 19Page - STMicroelectronics PM0068 Datasheet HTML 20Page - STMicroelectronics PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics PM0068 Datasheet HTML 23Page - STMicroelectronics PM0068 Datasheet HTML 24Page - STMicroelectronics PM0068 Datasheet HTML 25Page - STMicroelectronics PM0068 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Register descriptions
PM0068
22/31
Doc ID 17100 Rev 2
3.4
Flash status register (FLASH_SR)
This register is dedicated to Flash memory bank 1.
Address offset: 0x0C
Reset value: 0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EOP
WRPRT
ERR
Res.
PGERR
Res.
BSY
rw
rw
rw
r
Bits 31:6 Reserved, must be kept cleared.
Bit 5 EOP: End of operation
Set by hardware when a Flash operation (programming / erase) is completed. Reset by
writing a 1
Note: EOP is asserted at the end of each successful program or erase operation
Bit 4 WRPRTERR: Write protection error
Set by hardware when programming a write-protected address of the Flash memory.
Reset by writing 1.
Bit 3 Reserved, must be kept cleared.
Bit 2 PGERR: Programming error
Set by hardware when an address to be programmed contains a value different from
'0xFFFF' before programming.
Reset by writing 1.
Note: The STRT bit in the FLASH_CR register should be reset before starting a programming
operation.
Bit 1 Reserved, must be kept cleared
Bit 0 BSY: Busy
This indicates that a Flash operation is in progress. This is set on the beginning of a Flash
operation and reset when the operation finishes or when an error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com