Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0068 Datasheet HTML 1Page - STMicroelectronics PM0068 Datasheet HTML 2Page - STMicroelectronics PM0068 Datasheet HTML 3Page - STMicroelectronics PM0068 Datasheet HTML 4Page - STMicroelectronics PM0068 Datasheet HTML 5Page - STMicroelectronics PM0068 Datasheet HTML 6Page - STMicroelectronics PM0068 Datasheet HTML 7Page - STMicroelectronics PM0068 Datasheet HTML 8Page - STMicroelectronics PM0068 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PM0068
Overview
Doc ID 17100 Rev 2
5/31
1
Overview
1.1
Features
Up to 1 Mbytes of Flash memory
Dual bank architecture for read-while-write (RWW) capability
Bank 1: fixed size of 512 Kbytes
Bank 2: up to 512 Kbytes
Flash memory interface (FLITF)
Read interface with prefetch buffer (2 × 64-bit words) for each bank
Option byte loader
Flash program/erase operation
Read/write protection
Low-power mode
1.2
Flash module organization
The Flash memory is divided into an information block and a main memory block containing
512 pages of 2 Kbytes each as shown in Table 1.
An additional memory area contains the Flash memory registers.
Table 1.
XL-density Flash module organization
Block
Name
Base addresses
Size (bytes)
Main memory
Bank 1
Page 0
0x0800 0000 - 0x0800 07FF
2 Kbytes
Page 1
0x0800 0800 - 0x0800 0FFF
2 Kbytes
...
...
...
Page 255
0x0807 F800 - 0x0807 FFFF
2 Kbytes
Bank 2
Page 256
0x0808 0000 - 0x0808 07FF
2 Kbytes
Page 257
0x0808 0800 - 0x0808 0FFF
2 Kbytes
.
.
.
.
.
.
.
.
.
Page 511
0x080F F800 - 0x080F FFFF
2 Kbytes
Information block
System memory
0x1FFF E000 - 0x1FFF F7FF
6 Kbytes
Option bytes
0x1FFF F800 - 0x1FFF F80F
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com