Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 19Page - STMicroelectronics PM0068 Datasheet HTML 20Page - STMicroelectronics PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics PM0068 Datasheet HTML 23Page - STMicroelectronics PM0068 Datasheet HTML 24Page - STMicroelectronics PM0068 Datasheet HTML 25Page - STMicroelectronics PM0068 Datasheet HTML 26Page - STMicroelectronics PM0068 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
PM0068
Register descriptions
Doc ID 17100 Rev 2
23/31
3.5
Flash control register (FLASH_CR)
This register is dedicated to Flash memory bank 1 and option bytes programming.
Address offset: 0x10
Reset value: 0x0000 0080
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EOPIE
Res.
ERRIE
OPTWR
E
Res.
LOCK
STRT
OPTER
OPT
PG
Res.
MER
PER
PG
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:13 Reserved, must be kept cleared.
Bit 12 EOPIE: End of operation interrupt enable
This bit enables the interrupt generation when the EOP bit in the FLASH_SR register goes
to 1.
0: Interrupt generation disabled
1: Interrupt generation enabled
Bit 11 Reserved, must be kept cleared
Bit 10 ERRIE: Error interrupt enable
This bit enables the interrupt generation on an FPEC error (when PGERR / WRPRTERR are
set in the FLASH_SR register).
0: Interrupt generation disabled
1: Interrupt generation enabled
Bit 9 OPTWRE: Option bytes write enable
When set, the option bytes can be programmed. This bit is set on writing the correct key
sequence to the FLASH_OPTKEYR register.
This bit can be reset by software
Bit 8 Reserved, must be kept cleared.
Bit 7 LOCK: Lock
Write to 1 only. When it is set, it indicates that the FPEC and FLASH_CR are locked. This bit
is reset by hardware after detecting the unlock sequence.
In the event of unsuccessful unlock operation, this bit remains set until the next reset.
Bit 6 STRT: Start
This bit triggers an ERASE operation when set. This bit is set only by software and reset
when the BSY bit is reset.
Bit 5 OPTER: Option byte erase
Option byte erase chosen.
Bit 4 OPTPG: Option byte programming
Option byte programming chosen.
Bit 3 Reserved, must be kept cleared.
Bit 2 MER: Mass erase
Erase of all user pages chosen.
Bit 1 PER: Page erase
Page Erase chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com