Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 15Page - STMicroelectronics PM0068 Datasheet HTML 16Page - STMicroelectronics PM0068 Datasheet HTML 17Page - STMicroelectronics PM0068 Datasheet HTML 18Page - STMicroelectronics PM0068 Datasheet HTML 19Page - STMicroelectronics PM0068 Datasheet HTML 20Page - STMicroelectronics PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics PM0068 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
PM0068 Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memo-
Doc ID 17100 Rev 2
19/31
On every system reset, the option byte loader (OBL) reads the information block and stores
the data into the Option byte register (FLASH_OBR) and the Write protection register
(FLASH_WRPR). Each option byte also has its complement in the information block. During
option loading, by verifying the option bit and its complement, it is possible to check that the
loading has correctly taken place. If this is not the case, an option byte error (OPTERR) is
generated. When a comparison error occurs the corresponding option byte is forced to
0xFF. The comparator is disabled when the option byte and its complement are both equal
to 0xFF (Electrical Erase state).
All option bytes (but not their complements) are available to configure the product. The
option registers are accessible in read mode by the CPU. See Section 3: Register
descriptions for more details.
0x1FFF F804
Datax: Two bytes for user data storage.
These addresses can be programmed using the option byte programming
procedure.
Bits [31:24]: nData1
Bits [23:16]: Data1 (stored in FLASH_OBR[25:18])
Bits [15:8]: nData0
Bits [7:0]: Data0 (stored in FLASH_OBR[17:10])
0x1FFF F808
WRPx: Flash memory write protection option bytes
Bits [31:24]: nWRP1
Bits [23:16]: WRP1 (stored in FLASH_WRPR[15:8])
Bits [15:8]: nWRP0
Bits [7:0]: WRP0 (stored in FLASH_WRPR[7:0])
0x1FFF F80C
WRPx: Flash memory write protection option bytes
Bits [31:24]: nWRP3
Bits [23:16]: WRP3 (stored in FLASH_WRPR[31:24])
Bits [15:8]: nWRP2
Bits [7:0]: WRP2 (stored in FLASH_WRPR[23:16])
One bit of the user option bytes WRPx is used to protect 2 pages of 2 Kbytes in
the main memory block. However, bit 7 of WRP3 write protects pages 62 to 511.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect 1 Mbytes of main Flash
memory:
WRP0 write-protects pages 0 to 15.
WRP1 write-protects pages 16 to 31.
WRP2 write-protects pages 32 to 47.
WRP3: bits 0-6 write-protect pages 48 to 61, and bit 7 write-protects pages 62 to
511.
Table 5.
Description of the option bytes (continued)
Flash memory
address
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com