Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 17Page - STMicroelectronics PM0068 Datasheet HTML 18Page - STMicroelectronics PM0068 Datasheet HTML 19Page - STMicroelectronics PM0068 Datasheet HTML 20Page - STMicroelectronics PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics PM0068 Datasheet HTML 23Page - STMicroelectronics PM0068 Datasheet HTML 24Page - STMicroelectronics PM0068 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PM0068
Register descriptions
Doc ID 17100 Rev 2
21/31
3.2
FPEC key register (FLASH_KEYR)
This register is dedicated to Flash memory bank 1.
Address offset: 0x04
Reset value: xxxx xxxx
Note:
These bits are all write-only and will return a 0 when read.
3.3
Flash OPTKEY register (FLASH_OPTKEYR)
Address offset: 0x08
Reset value: xxxxx xxxx
Note:
These bits are all write-only and will return a 0 when read.
Bits 2:0 LATENCY: Latency
These bits represent the ratio of the SYSCLK (system clock) period to the Flash access
time.
000 Zero wait state, if 0 < SYSCLK
≤ 24 MHz
001 One wait state, if 24 MHz < SYSCLK
≤ 48 MHz
010 Two wait states, if 48 MHz < SYSCLK
≤ 72 MHz
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FKEYR[31:16]
wwww
ww
w
w
w
w
w
w
w
w
w
w
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FKEYR[15:0]
wwww
ww
w
w
w
w
w
w
w
w
w
w
Bits 31:0 FKEYR: FPEC key
These bits represent the keys to unlock the FPEC.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OPTKEYR[31:16]
wwww
ww
w
w
w
w
w
w
w
w
w
w
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OPTKEYR[15:0]
wwww
ww
w
w
w
w
w
w
w
w
w
w
Bits 31:0
OPTKEYR: Option byte key
These bits represent the keys to unlock the OPTWRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com