Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0068 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 21Page - STMicroelectronics PM0068 Datasheet HTML 22Page - STMicroelectronics PM0068 Datasheet HTML 23Page - STMicroelectronics PM0068 Datasheet HTML 24Page - STMicroelectronics PM0068 Datasheet HTML 25Page - STMicroelectronics PM0068 Datasheet HTML 26Page - STMicroelectronics PM0068 Datasheet HTML 27Page - STMicroelectronics PM0068 Datasheet HTML 28Page - STMicroelectronics PM0068 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
PM0068
Register descriptions
Doc ID 17100 Rev 2
25/31
3.8
Write protection register (FLASH_WRPR)
Address offset: 0x20
Reset value: 0xFFFF FFFF
3.9
FPEC key register2 (FLASH_KEYR2)
This register is dedicated to Flash memory bank 2.
Address offset: 0x44
Reset value: xxxx xxxx
Note:
These bits are all write-only and will return a 0 when read.
Bits 9:2 USER: User option bytes
This contains the user option byte loaded by the OBL.
Bits [9:6]: Not used (if these bits are written in the Flash option byte, they will be read in this
register with no effect on the device.)
Bit 5: BFB2
Bit 4: nRST_STDBY
Bit 3: nRST_STOP
Bit 2: WDG_SW
Bit 1 RDPRT: Read protection
When set, this indicates that the Flash memory is read-protected.
Note: This bit is read-only.
Bit 0 OPTERR: Option byte error
When set, this indicates that the loaded option byte and its complement do not match. The
corresponding byte and its complement are read as 0xFF in the FLASH_OBR or
FLASH_WRPR register.
Note: This bit is read-only.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
WRP[31:16]
rr
rr
rr
r
r
rr
rr
rr
r
r
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WRP[15:0]
rr
rr
rr
r
r
rr
rr
rr
r
r
Bits 31:0 WRP: Write protect
This register contains the write-protection option bytes loaded by the OBL.
0: Write protection active
1: Write protection not active
Note: These bits are read-only.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FKEYR[31:16]
wwww
ww
w
w
w
w
w
w
w
w
w
w
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FKEYR[15:0]
wwww
ww
w
w
w
w
w
w
w
w
w
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com