Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2953_15 Datasheet HTML 3Page - Linear Technology LTC2953_15 Datasheet HTML 4Page - Linear Technology LTC2953_15 Datasheet HTML 5Page - Linear Technology LTC2953_15 Datasheet HTML 6Page - Linear Technology LTC2953_15 Datasheet HTML 7Page - Linear Technology LTC2953_15 Datasheet HTML 8Page - Linear Technology LTC2953_15 Datasheet HTML 9Page - Linear Technology LTC2953_15 Datasheet HTML 10Page - Linear Technology LTC2953_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2953
7
2953f
PIN FUNCTIONS
GND (Pin 1): Ground.
VM (Pin 2): Voltage Monitor Input. Input to an accurate
comparator with a 0.5V threshold. VM controls the state
of the
⎯R⎯S⎯T output pin and is independent of ⎯P⎯B, ⎯P⎯F⎯I and
UVLO status. A voltage below 0.5V on this pin asserts
⎯R⎯S⎯T low. Connect to GND if unused.
⎯K⎯I⎯L⎯L (Pin 3): ⎯K⎯I⎯L⎯L Input. Forcing ⎯K⎯I⎯L⎯L low releases the
enable output. During system turn on, this pin is blanked
by a 512ms internal timer (tKILL, ON BLANK) to allow the
system to pull
⎯K⎯I⎯L⎯L high. This pin has an accurate 0.6V
threshold and can be used as a power kill voltage monitor.
Set the pin voltage above its threshold if unused.
PDT (Pin 4): Power Down Time Input. A capacitor to
ground determines the additional time (6.4 seconds/μF)
that
⎯P⎯B or UVLO must be held low before releasing the
EN/
⎯E⎯N and ⎯I⎯N⎯T outputs. If this pin is left open, the power
down delay time defaults to 64ms.
⎯P⎯B (Pin 5): Push Button Input. Connecting ⎯P⎯B to ground
through a momentary switch provides On/Off control via the
EN/
⎯E⎯N and ⎯I⎯N⎯T outputs. An internal 100k pull-up resistor
connects to an internal 1.9V bias voltage. The rugged
⎯P⎯B
input withstands ±10kV ESD HBM and can be pulled up to
27V externally without consuming extra current. Voltages
below ground will not damage the pin.
VIN (Pin 6): Power Supply Input: 2.7V to 27V.
UVLO (Pin 7): UVLO Comparator Input. When UVLO drops
below its falling threshold (0.5V) for more than 32ms, the
LTC2953 asserts
⎯I⎯N⎯T low, thereby requesting a system
power down. If UVLO remains below its falling threshold
(0.5V) for longer than the adjustable power down delay,
the enable output is released. Additionally, UVLO provides
a
⎯P⎯B lock out feature that prevents the user from asserting
the enable output when UVLO falls below its threshold.
Connect to VIN if unused.
PFI (Pin 8): Power Fail Comparator Input. Input to an ac-
curate comparator with a 0.5V falling threshold and 4mV
of hysteresis. PFI controls the state of the
⎯P⎯F⎯O output pin
and is independent of
⎯P⎯B, VM and UVLO status. Connect
to GND if unused.
⎯P⎯F⎯O (Pin 9): Power Fail Output. This pin is a high voltage
open drain pull-down.
⎯P⎯F⎯O pulls low when PFI is below
0.5V. Open circuit when unused.
⎯R⎯S⎯T (Pin 10): Reset Output. This pin is an open drain
pull-down. Pulls low when VM input is below 0.5V and is
held low for 200ms after VM input is above 0.5V. Open
circuit when unused.
EN (LTC2953-1, Pin 11): Open Drain Enable Output. This
output is intended to enable system power. EN is asserted
high after a valid
⎯P⎯B turn on event (t
DB, ON). EN is released
low if: a)
⎯K⎯I⎯L⎯L is not driven high (by μP) within 512ms of
the initial valid
⎯P⎯B power turn on event, b) ⎯K⎯I⎯L⎯L is driven
low during normal operation, c)
⎯P⎯BorUVLOisassertedand
held low (t > tPD, Min + tPDT) during normal operation.
⎯E⎯N (LTC2953-2, Pin 11): Open Drain Enable Output. This
output is intended to enable system power.
⎯E⎯N is asserted
low after a valid
⎯P⎯B turn on event (t
DB, ON). ⎯E⎯N is released
high if: a)
⎯K⎯I⎯L⎯L is not driven high (by μP) within 512ms of
the initial valid
⎯P⎯B power turn-on event, b) ⎯K⎯I⎯L⎯L is driven
low during normal operation, c)
⎯P⎯BorUVLOisassertedand
held low (t > tPD, Min + tPDT) during normal operation.
⎯I⎯N⎯T (Pin 12): Open Drain Interrupt Output. After a turn off
event is detected (tDB, OFF) from ⎯P⎯B or UVLO, the LTC2953
interrupts the system (μP) by asserting
⎯I⎯N⎯T low. The μP
would perform power down and housekeeping tasks and
then assert the
⎯K⎯I⎯L⎯L pin low, thus releasing the enable out-
put. The
⎯I⎯N⎯T pulse width is a minimum of 32ms and stays
low as long as
⎯P⎯B is asserted. If ⎯P⎯B is asserted for longer
than tPD, Min + tPDT, however, the ⎯I⎯N⎯T and EN/⎯E⎯N outputs
are immediately released. Open circuit when unused.
Exposed Pad (Pin 13): Exposed Pad may be left open or
connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com