Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 2 Page - Linear Technology

  LTC2953_15 Datasheet HTML 1Page - Linear Technology LTC2953_15 Datasheet HTML 2Page - Linear Technology LTC2953_15 Datasheet HTML 3Page - Linear Technology LTC2953_15 Datasheet HTML 4Page - Linear Technology LTC2953_15 Datasheet HTML 5Page - Linear Technology LTC2953_15 Datasheet HTML 6Page - Linear Technology LTC2953_15 Datasheet HTML 7Page - Linear Technology LTC2953_15 Datasheet HTML 8Page - Linear Technology LTC2953_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2953
2
2953f
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN) .................................. –0.3V to 33V
Input Voltages
⎯P⎯B, ⎯P⎯F⎯I, UVLO........................................... –6V to 33V
VM ......................................................... –0.3V to 20V
⎯K⎯I⎯L⎯L....................................................... –0.3V to 10V
PDT....................................................... –0.3V to 2.7V
Output Voltages
EN/
⎯E⎯N, ⎯P⎯F⎯O............................................ –0.3V to 50V
⎯R⎯S⎯T, ⎯I⎯N⎯T ................................................ –0.3V to 10V
Operating Temperature Range
LTC2953C ................................................ 0°C to 70°C
LTC2953I ............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 27V, unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Pin (VIN)
VIN
Supply Voltage Range
Steady State Operation
●
2.7
27
V
IIN
VIN Supply Current
VIN = 2.7V to 27V
●
14
26
μA
VUVL
VIN Undervoltage Lockout
VIN Falling
●
2.2
2.3
2.5
V
Push Button, Enable (⎯P⎯B, EN/⎯E⎯N)
VPB(MIN, MAX)
⎯P⎯B Operating Voltage Range
Single-Ended
●
–1
27
V
IPB
⎯P⎯B Input Current
2.5V < VPB < 27V
VPB = 1V
VPB = 0.6V
●
●
●
–1
–3
–6
–9
±1
–12
–15
μA
μA
μA
VPB(VTH)
⎯P⎯B Input Threshold
⎯P⎯B Falling
●
0.6
0.8
1
V
VPB(VOC)
⎯P⎯B Open Circuit Voltage
IPB = –1μA
●
1
1.6
2
V
PIN CONFIGURATION
TOP VIEW
13
DD PACKAGE
12-LEAD (3mm
´ 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
INT
EN/EN
RST
PFO
PFI
UVLO
GND
VM
KILL
PDT
PB
VIN 6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GROUND CONNECTION OPTIONAL
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2953CDD-1#PBF
LTC2953CDD-2#PBF
LTC2953IDD-1#PBF
LTC2953IDD-2#PBF
LTC2953CDD-1#TRPBF
LTC2953CDD-2#TRPBF
LTC2953IDD-1#TRPBF
LTC2953IDD-2#TRPBF
LCWT
LCQT
LCWT
LCQT
12-Lead (3mm
× 3mm) Plastic DFN
12-Lead (3mm
× 3mm) Plastic DFN
12-Lead (3mm
× 3mm) Plastic DFN
12-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
0°C to 70°C
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com