Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2953_15 Datasheet HTML 7Page - Linear Technology LTC2953_15 Datasheet HTML 8Page - Linear Technology LTC2953_15 Datasheet HTML 9Page - Linear Technology LTC2953_15 Datasheet HTML 10Page - Linear Technology LTC2953_15 Datasheet HTML 11Page - Linear Technology LTC2953_15 Datasheet HTML 12Page - Linear Technology LTC2953_15 Datasheet HTML 13Page - Linear Technology LTC2953_15 Datasheet HTML 14Page - Linear Technology LTC2953_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2953
11
2953f
TIMING DIAGRAMS
PB
INT
PDT
2953 TD05
16 CYCLES
EN
(LTC2953-1)
tDB, OFF
UVLO
IGNORED
tPDT
tPD, Min
tINT, Max
UVLO
PB IGNORED
VM
RST
tUV
tRST
2953 TD06
0.5V
0.5V
PFI
PFO
tPFI
tPFI
2953 TD07
0.5V
0.504V
KILL
EN
(LTC2953-1)
2953 TD08
0.6V
0.63V
tKILL(PW)
tKILL(PD)
Figure 5. UVLO Power Down Timing: UVLO Low for t > (tPD, Min + tPDT)
Figure 6. Voltage Monitor Reset Timing
Figure 7. Power Fail Comparator Timing
Figure 8.
⎯K⎯I⎯L⎯L Minimum Pulse Width and Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com