Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 1 Page - Linear Technology

  LTC2953_15 Datasheet HTML 1Page - Linear Technology LTC2953_15 Datasheet HTML 2Page - Linear Technology LTC2953_15 Datasheet HTML 3Page - Linear Technology LTC2953_15 Datasheet HTML 4Page - Linear Technology LTC2953_15 Datasheet HTML 5Page - Linear Technology LTC2953_15 Datasheet HTML 6Page - Linear Technology LTC2953_15 Datasheet HTML 7Page - Linear Technology LTC2953_15 Datasheet HTML 8Page - Linear Technology LTC2953_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2953
1
2953f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Push Button
On/Off Controller
with Voltage Monitoring
The LTC®2953 is a push button On/Off controller that
manages system power via a push button interface. An
enable output toggles system power while an interrupt
output provides debounced push button status. The inter-
rupt output can be used in menu driven applications to
request a system power down.
The LTC2953 also features input and output power sup-
ply monitors. An uncommitted power fail comparator
provides real time input monitor information, while a
de-glitched under voltage lockout comparator gracefully
initiates a system power down. The under voltage lockout
comparator prevents the system from powering from a
low power supply.
The adjustable supply monitor input is compared against
an accurate internal 0.5V reference. The reset output
remains low until the supply monitor input has been in
compliance for 200ms.
The LTC2953 operates over a wide 2.7V to 27V input
voltage range and draws only 14μA of current. Two ver-
sions of the part accommodate either positive or negative
enable polarities.
Push Button On/Off Control with Interrupt
■ Wide Operating Voltage Range: 2.7V to 27V
■ Push Button Control of System Power
■ Low Supply Current: 14μA
■ Power Fail Comparator Generates Warning
■ UVLO Comparator Gracefully Latches Power Off
■ Adjustable Supply Monitor with 200ms Reset
■ Adjustable Power Down Timer
■ Low Leakage EN Output (LTC2953-1) Allows DC/DC
Converter Control
■ High Voltage
⎯E⎯N Output (LTC2953-2) Allows Circuit
Breaker Control
■ Simple Interface Allows Orderly System Power Up
and Power Down
■ ±1.5% Threshold Tolerances
■ ±10kV ESD HBM on
⎯P⎯B Input
■ 12-Pin 3mm
× 3mm DFN
■ Push Button Power Path Control
■ Battery Power Supervisor
■ Portable Instrumentation, PDA
■ Blade Servers
■ Desktop and Notebook Computers
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TURN ON PULSE
TURNS ON
STAYS ON
INTERRUPT
INTERRUPT
TURNS OFF
SHORT
INTERRUPT PULSE
LONG
TURN OFF PULSE
PB
INT
2954 TD01b
EN
VIN
VOUT
ON/OFF
EN
VIN
VM
RST
PFO
INT
KILL
RST
GPIO
INT
KILL
LTC2953-1
PDT
DC/DC
SHDN
SYSTEM
LOGIC
8.4V
3.3V
499k
100k
100k
100k
100k
100k
tPDT = 6.4 SECONDS
2953 TA01
1
μF
PB
GND
PFI
UVLO
2150k
23.2k
196k
+


Similar Part No. - LTC2953_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2953CDD-1-PBF LINER-LTC2953CDD-1-PBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2953CDD-1-TRPBF LINER-LTC2953CDD-1-TRPBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2953CDD-2-PBF LINER-LTC2953CDD-2-PBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2953CDD-2-TRPBF LINER-LTC2953CDD-2-TRPBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2953IDD-1-PBF LINER-LTC2953IDD-1-PBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
More results

Similar Description - LTC2953_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
Smart push-button on/off controller with Smart ResetTM and power-on lockout
07-Jun-2010
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
Push Button Reboot Controller
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
Push Button Reboot Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com