Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2953_15 Datasheet HTML 12Page - Linear Technology LTC2953_15 Datasheet HTML 13Page - Linear Technology LTC2953_15 Datasheet HTML 14Page - Linear Technology LTC2953_15 Datasheet HTML 15Page - Linear Technology LTC2953_15 Datasheet HTML 16Page - Linear Technology LTC2953_15 Datasheet HTML 17Page - Linear Technology LTC2953_15 Datasheet HTML 18Page - Linear Technology LTC2953_15 Datasheet HTML 19Page - Linear Technology LTC2953_15 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2953
17
2953f
TYPICAL APPLICATIONS
Push Button Controlled μP Reset
The circuit of Figure 19 can be used to keep a μP in reset
for 200ms after the push button has enabled system power.
After system power has stabilized, the voltage monitor
input continues to monitor the supply at the load end.
ON/OFF
EN
VIN
VM
RST
LTC2953-2
R3
499k
R2
100k
2953 F19
PB
VM
RST
PB
R5
100k
R9
100k
R11
510k
3.3V
TO LOAD
200ms
0.5V
ON/OFF
EN
VIN
VM
RST
LTC2953-2
DC/DC
#1
R3
866k
R2
200k
2953 F20
PFI
PFO
PB
R5
100k
R9
100k
DC/DC
#2
R15
604k
R16
200k
SHDN
SHDN
VOUT
VOUT
VIN
VIN
V3
1.8V
V2
2.5V
V1
3.3V
VTH = 2.66V
VTH = 2.01V
3.3V
Push Button Controlled Supply Sequencing
The circuit in Figure 20 uses the LTC2953-2 to sequence
3 supply rails. Power on sequencing begins by pressing
the push button for 32ms. This asserts the
⎯E⎯N output low,
which turns on the V1 supply. 200ms after V1 reaches 80%
of its final value (2.66V), the V2 supply is enabled. When
the V2 DC voltage reaches 80% of its final value (2V), the
V3 supply is enabled. Note that there is no internal delay
from the
⎯P⎯F⎯I input to the ⎯P⎯F⎯O output and so V3 is enabled
at the same time V2 rises above 2V.
A power down supply sequence begins when any of these
inputs is asserted:
⎯P⎯B , UVLO or ⎯K⎯I⎯L⎯L . When ⎯E⎯N pulls up
to VIN, V1 disconnects first. When V1 decays to 2.66V, V2
is immediately disabled (there is no 200ms delay from VM
to
⎯R⎯S⎯T during power down). When V2 decays to 2V, V3 is
immediately disabled. See Figure 21 timing diagram.
32ms
200ms
PB
V1
EN
2953 F21
V2
V3
POWER ON
POWER OFF
80%
80%
80%
80%
Figure 19. Push Button Controlled μP Reset
Figure 21. Push Button Controlled Supply Sequence Timing
Figure 20. Push Button Controlled Supply Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com