Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2953_15 Datasheet HTML 12Page - Linear Technology LTC2953_15 Datasheet HTML 13Page - Linear Technology LTC2953_15 Datasheet HTML 14Page - Linear Technology LTC2953_15 Datasheet HTML 15Page - Linear Technology LTC2953_15 Datasheet HTML 16Page - Linear Technology LTC2953_15 Datasheet HTML 17Page - Linear Technology LTC2953_15 Datasheet HTML 18Page - Linear Technology LTC2953_15 Datasheet HTML 19Page - Linear Technology LTC2953_15 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2953
16
2953f
TYPICAL APPLICATIONS
Push Button Buffer
The circuit of Figure 16 shows the power fail comparator
sensing the push button input. The
⎯P⎯F⎯O output toggles
each time the push button crosses 0.5V. This application
provides an early warning of push button activity.
Disconnect Input Resistive Divider To Save Power
In order to prolong battery life when system power has
been turned off, the LTC2953-2 power fail comparator can
be used to disconnect the external battery monitor resistive
divider. The circuit in Figure 18 connects
⎯P⎯F⎯I to ⎯E⎯N and
⎯P⎯F⎯O to the bottom end of the resistive divider.
PFO
2953 F16
PFI
PB
0.5V
ON/OFF
–
+
ON/OFF
EN
VIN
LTC2953-2
2953 F17
PB
R5
100k
R9
100k
12V
TO LOAD
Power Path Switching
The high voltage
⎯E⎯N output of the LTC2953-2 is designed
to switch On/Off an external power PFET. This allows a
user to connect/disconnect a power supply (or battery)
to its load by toggling the
⎯P⎯B pin. Figure 17 shows the
LTC2953-2 in a 12V wall adapter application.
EN
VIN
PFI
LTC2953-2
2953 F18
UVLO
PFO
R5
100k
R14
1070k
R12
110k
R9
100k
8.4V
0.5V
When the user presses the push button to turn on system
power (
⎯E⎯N low), the output of the power fail comparator
asserts
⎯P⎯F⎯O low. The low battery external resistive divider
is thus enabled to monitor the input supply. If the voltage
on the UVLO input falls to less than 0.5V, a system power
down sequence is initiated. Note that the IR drop across
the internal NFET is typically less than 0.2mV when the
UVLO pin voltage is 0.5V.
Once system power has been turned off (
⎯E⎯N high), the
external resistive divider is disconnected and thus con-
sumes zero DC current.
Figure 16. Push Button Buffer
Figure 17. Power Path Switching
Figure 18. Disconnect Input Resistive Divider to Save Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com