Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 5 Page - Linear Technology

  LTC2953_15 Datasheet HTML 1Page - Linear Technology LTC2953_15 Datasheet HTML 2Page - Linear Technology LTC2953_15 Datasheet HTML 3Page - Linear Technology LTC2953_15 Datasheet HTML 4Page - Linear Technology LTC2953_15 Datasheet HTML 5Page - Linear Technology LTC2953_15 Datasheet HTML 6Page - Linear Technology LTC2953_15 Datasheet HTML 7Page - Linear Technology LTC2953_15 Datasheet HTML 8Page - Linear Technology LTC2953_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2953
5
2953f
TEMPERATURE (
°C)
–50
5
10
15
20
–25
0
25
50
2953 G01
75
100
VIN = 27V
VIN = 3.3V
VIN = 2.7V
VIN (V)
05
10
14
20
10
20
25
2953 G02
12
18
16
15
30
35
TA = 25°C
VIN (V)
0
0
10
20
30
40
50
5
10
15
20
2953 G03
25
30
TA = 25°C
VIN (V)
0
0
10
20
30
40
50
5
10
15
20
2953 G04
25
30
TA = 25°C
PDT EXTERNAL CAPACITANCE (nF)
1
10
100
1000
10000
10
100
1000
'#! /#
TA = 25°C
VIN = 3.3V
TEMPERATURE (
°C)
2953 G06
–50
–2.6
–2.8
–3.0
–3.2
–3.4
–25
0
25
50
75
100
VIN = 3.3V
TEMPERATURE (
°C)
2953 G07
–50
2.6
2.8
3.0
3.2
3.4
–25
0
25
50
75
100
VIN = 3.3V
PB VOLTAGE (V)
–10
0
–50
–100
–150
–200
–250
–300
010
20
30
'#! /&
TA = 25°C
VIN = 3.3V
EXTERNAL PB RESISTANCE TO GROUND (k
Ω)
0
0
50
100
150
200
250
300
510
15
20
'#! /'
VIN = 3.3V
TA = 100°C
TA = –45°C
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Supply Current vs Supply Voltage
Turn On Debounce Time (tDB, ON)
vs VIN
Turn Off Interrupt Debounce Time
(tDB, OFF) vs VIN
Forced Power Down Delay Time
(tPD, MIN + tPDT) vs PDT External
Capacitance
PDT Pull-Down Current vs
Temperature
PDT Pull-Up Current vs
Temperature
⎯P⎯B Current vs ⎯P⎯B Voltage
⎯P⎯B Voltage vs External ⎯P⎯B
Resistance to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com