Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2953
Description  Push Button On/Off Controller with Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2953_15 Datasheet HTML 12Page - Linear Technology LTC2953_15 Datasheet HTML 13Page - Linear Technology LTC2953_15 Datasheet HTML 14Page - Linear Technology LTC2953_15 Datasheet HTML 15Page - Linear Technology LTC2953_15 Datasheet HTML 16Page - Linear Technology LTC2953_15 Datasheet HTML 17Page - Linear Technology LTC2953_15 Datasheet HTML 18Page - Linear Technology LTC2953_15 Datasheet HTML 19Page - Linear Technology LTC2953_15 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2953
20
2953f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0607 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Programmable Quad Supply Monitor
Adjustable Reset, 10-Lead MSOP and 3mm
× 3mm DFN Packages
LTC2904/LTC2905
Pin-Programmable Dual Supply Monitors
Adjustable Reset and Tolerance, 8-Lead SOT-23 and 3mm
× 2mm DFN Packages
LTC2909
Precision Tripple/Dual Input UV, OV and Negative
Voltage Monitor
6.5V Shunt Regulator for High Voltage Operation
LTC2912
Single UV/OV Monitor
3mm
× 2mm DFN, 8-Pin ThinSOT Packages
LTC2950/LTC2951
Push Button On/Off Controllers
High Voltage, Low Power Push Button Controller
LTC2952
Push Button Power Path Controller with
Supervisor
Automatic Low Loss Switchover Between DC Sources
LTC2954
Push Button On/Off Controller with μP Interrupt
Allow Controlled Software System Shutdown
LTC4055
USB Power Controller and Li-Ion Charger
Automatic Switchover, Charges 1-Cell Li-Ion Batteries
LTC4411
2.6A Low Loss Ideal Diode in ThinSOT
No External MOSFET, Automatic Switching Between DC Sources
LTC4412HV
PowerPath Controller in ThinSOT
Efficient Diode-ORing, Automatic Switching Between DC Sources, 3V to 36V
VIN
VOUT
ON/OFF
EN
VIN
VM
RST
PFO
INT
KILL
RST
PFO
INT
KILL
LTC2953-2
PDT
DC/DC
SHDN
SYSTEM
LOGIC
8.4V
3.3V
R3
499k
R11
100k
R10
100k
R1
100k
R2
100k
tPDT = 6.4 SECONDS
2953 F25
1
μF
PB
GND
PFI
UVLO
R13
23.2k
R12
196k
R5
100k
R14
2150k
R9
100k
FDN360P
+
Figure 25. PowerPath Controller with Low Battery Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com